PART |
Description |
Maker |
BD140-25 BD136-25 BD138-25 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1.5A I(C) | TO-126 Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:3mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1.5A I(C) | TO-126 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1.5AI(丙)|126
|
Electronic Theatre Controls, Inc.
|
BD13510S BD13916STU BD13516S |
NPN Epitaxial Silicon Transistor; Package: TO-126; No of Pins: 3; Container: Bulk 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-126 NPN Epitaxial Silicon Transistor; Package: TO-126; No of Pins: 3; Container: Rail 1.5 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-126
|
Microsemi, Corp. Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2SA1775N 2SA1775Q 2SA1775P 2SD1189FP 2SD1189FQ 2SD |
TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 1A I(C) | TO-126 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 2A I(C) | TO-126 Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 10A I(C) | TO-126 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 1.5A I(C) | TO-251VAR 150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 晶体管|晶体管|叩| 32V的五(巴西)总裁|甲一(c)|26 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 700MA I(C) | TO-126 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 700mA的一(c)|26 Low-Power, SC70/SOT µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 晶体管|晶体管|叩| 80V的五(巴西)总裁| 700mA的一(c)|26 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | TO-126 晶体管|晶体管|叩| 300V五(巴西)总裁| 100mA的一(c)|26
|
Rohm Co., Ltd. New Japan Radio Co., Ltd.
|
MJE172 |
TO-126 Plastic-Encapsulate Transistors
|
TY Semiconductor Co., L...
|
BD235-BP |
2 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-126
|
MICRO COMMERCIAL COMPONENTS
|
D882 |
TO-126 Plastic-Encapsulate Transistors
|
Dongguan Nanjing ELECTR...
|
2SC1162-TO126 |
TO-126 Plastic-Encapsulate Transistors
|
TY Semiconductor Co., L...
|
BD140 |
TO-126 Plastic-Encapsulate Transistors
|
TY Semiconductor Co., L...
|
3CA8772 |
TO-126 Plastic-Encapsulate Transistors
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC
|
2SD1682R SANYOSEMICONDUCTORCOLTD-2SD1682T 2SD1682S |
2.5 A, 50 V, NPN, Si, POWER TRANSISTOR, TO-126
|
SANYO SEMICONDUCTOR CO LTD
|
2SD669-TO126 |
TO-126 Plastic-Encapsulate Transistors
|
TY Semiconductor Co., Ltd
|